Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download SFR607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
SFR601 - SFR607
6.0A SOFT FAST RECOVERY RECTIFIER
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 2.1 grams (approx.) Mounting Position: Any Marking: Type Number Epoxy: UL 94V-O rate flame retardant D
R-6 Dim Min Max A 25.4 -- B 8.60 9.10 C 1.20 1.30 D 8.60 9.10 All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range @IF = 6.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
SFR601 SFR602 SFR603 SFR604 SFR605 SFR606 SFR607
Unit
50 35
100 70
200 140
400 280 6.0
600 420
800 560
1000 700
V V A
IFSM VFM IRM trr Cj Tj TSTG 120
200 1.2 10 200 200 100 -65 to +125 -65 to +150 350
A V A nS pF C C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SFR601 - SFR607
1 of 3
(c) 2002 Won-Top Electronics
IFsm, PEAK FORWARD SURGE CURRENT (A)
8 I(AV), AVERAGE FORWARD CURRENT
350
8.3ms Single Half Sine-Wave JEDEC Method
300 250
6
4
200 150
2
100 0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 2 Max Non-Repetitive Peak Surge Current
1000
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Typical Forward Current Derating Curve
IF, INSTANTANEOUS FORWARD CURRENT (A) 1000
Cj, CAPACITANCE (pF)
TJ = 25C Pulse Width = 300s 1% Duty Cycle
100
100
10
10
1
0.1 0.6 0.8 1.0 1.2 1.4
1.6
1.8
2.0
1.0 1.0 10
Tj = 25C f = 1.0MHz
100
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 3, Typical Instantaneous Forward Characteristics
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive)
10 NI
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
SFR601 - SFR607
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SFR601-T3 SFR601 SFR602-T3 SFR602 SFR603-T3 SFR603 SFR604-T3 SFR604 SFR605-T3 SFR605 SFR606-T3 SFR606 SFR607-T3 SFR607
Package Type
R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6
Shipping Quantity
800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
SFR601 - SFR607
3 of 3


▲Up To Search▲   

 
Price & Availability of SFR607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X